american bright optoelectronics corp. sp novaled alingap bl-ppx-se4 series v.1 page: 1 of 5 ? feature: 1. super high brightness surface mount led. 2. high flux output. 3. available in 40 viewing angle. 4. compact package outline (lxw) of 6.0 x 6.0 mm. ultra low height profile ? 1.5 mm. 5. designed for high current drive; typically 175 ma. 6. low thermal resistance; rth (js) = 20 k/w. 7. compatible to ir reflow soldering. ? package dimension: recommended solder pad design for better heat dissipation note : unit to unit pitching must not be less than 25 mm. metal core circuit board (mcpcb) is highly recommended for high density applications. solder pad design
american bright optoelectronics corp. sp novaled alingap bl-ppx-se4 series v.1 page: 2 of 5 ? optical characteristics: at ta=25 c, if=175ma, rja=150k/w. part number chip technology / color viewing angle luminous intensity @ if = 175ma, iv ( mcd ) BL-PPR-SE4-C10 ? bin z1 ? bin z2 ? bin aa bl-ppy-se4-c10 ? bin z2 ? bin aa ? bin ab alingap/ red alingap/ yellow 40 4500 ? 9000 4500 ? 5600 5600 ? 7150 7150 ? 9000 5600 ? 11250 5600 ? 7150 7150 ? 9000 9000 ? 11250 wavelength total flux @ if=175ma part number color dom (nm) typ.( mlm) viewing angle bl-ppr-se4 red 625 4500 40 bl-ppy-se4 yellow 589 5000 40 intensity @ if=175ma (mcd) iv bins min max z1 4500 5600 z2 5600 7150 aa 7150 9000 ab 9000 11250 note: 1. luminous intensity is measured with an accuracy of 11%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. ? electrical characteristics ( at ta=25 c): vf @ if=175ma vr @ ir=100ua part number color typ. (v) max. (v) min.(v) bl-ppr red 2.2 2.8 15 bl-ppy yellow 2.2 2.8 15 note: an optional vf binning is available upon request.
american bright optoelectronics corp. sp novaled alingap bl-ppx-se4 series v.1 page: 3 of 5 ? absolute maximum ratings: parameter maximum value unit dc forward current. 175 ma reverse voltage. 15 v led junction temperature. 125 c operating temperature. -40 ? +100 c storage temperature. -40 ? +100 c power dissipation 525 mw ? wavelength grouping: color group wavelength distribution (nm) bl-ppr; red full 620 - 630 bl-ppy; yellow full w x y z 585 - 597 585 - 588 588 - 591 591 - 594 594 - 597 wavelength is measured with an accuracy of 1 nm.
american bright optoelectronics corp. sp novaled alingap bl-ppx-se4 series v.1 page: 4 of 5 ? typical electro-optical characteristics curves: fig. 1 relative luminous intensity vs. forward current. fig. 2 forward current vs. forward voltage. intensity vs forward current 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 100 200 300 400 if (ma) relative iv, normalised at 175ma total flux vs forward current 0 1 2 3 4 5 6 7 8 9 0 50 100 150 200 250 300 350 if (ma) fig. 3 radiation pattern. fig. 4 maximu m forward current vs. temperature. fig. 5 relative intensity vs. wavelength fig. 6 radiation pattern. forward current vs forward voltage 0 50 10 0 15 0 200 250 300 350 1. 4 1. 6 1. 8 2 2 . 2 vf (volts) if (ma) forw ard current vs. am bient temperature (r ja = 150k/w) 0 50 100 150 200 0 10 20 30 40 50 60 70 80 90 100 ambient temperature max if (ma) 0 o 10 o 70 o 60 o 50 o 40 o 30 o 20 o 90 o 80 o 0.6 0.8 1.0 0.2 0.4 0 relative spectra emission 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 500 550 600 650 700 750 800 wavel ength (nm) y e llo w red
american bright optoelectronics corp. sp novaled alingap bl-ppx-se4 series v.1 page: 5 of 5 fig. 7 recommended ir-r eflow soldering profile. ? taping and orientation: reels come in quantity of 1000 units. reel diameters are 330 mm.
|